|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MCC Features * * * Any Mounting Position Surge Rating Of 60 Amps Low Forward Voltage Drop omponents 21201 Itasca Street Chatsworth !"# $ % !"# BR805DL THRU BR810DL 2 Amp Single Phase Bridge Rectifier 50 to 1000 Volts BR-8D A * * Maximum Ratings Operating Junction Temperature: -55C to +125C Storage Temperature: -55C to +150C MCC Catalog Number Device Marking Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V 800V 1000V Maximum RMS Voltage Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000V B + AC - BR805DL BR81DL BR82DL BR84DL BR86DL BR88DL BR810DL BR805DL BR81DL BR82DL BR84DL BR86DL BR88DL BR810DL 35V 70V 140V 280V 420V 560V 700V C H Electrical Characteristics @ 25C Unless Otherwise Specified Average Forward Current Peak Forward Surge Current Maximum Forward Voltage Drop Per Element IF(AV) IFSM 2.0A 50A TC = 25C 8.3ms, half sine G E D VF 1.1V IFM = 1.0A per element; TA = 25C* DIMENSIONS INCHES MIN ----.750 --.150 .125 .030 MM MIN ----19.00 --3.80 3.20 0.76 Maximum DC Reverse Current At IR 10A TJ = 25C Rated DC Blocking 1.0mA TJ = 100C Voltage *Pulse test: Pulse width 300 sec, Duty cycle 1% DIM A B C D E G H MAX .693 .504 --.250 ----.032 MAX 17.60 12.80 --6.40 ----0.81 NOTE 3PL/TYP www.mccsemi.com BR805DL thru BR810DL Figure 1 Typical Forward Characteristics 100 60 40 20 10 6 4 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .2 .4 .6 .8 1.0 1.2 1.4 10 6 4 2 1 .6 .4 .2 TJ=25C Amps .1 .06 .04 .02 .01 .006 .00 4 .002 .001 20 40 60 Figure 2 Typical Reverse Characteristics MCC 80 Volts 100 120 140 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts Figure 3 Forward Derating Curve 2.0 Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts Figure 4 Maximum Non-Repetitive Forward Surge Current 60 50 1.5 40 30 Amps Amps 0.75 20 10 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 0 40 60 80 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 100 120 140 0 1 2 4 6 8 10 Cycles 20 40 00 60 80 100 Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles www.mccsemi.com |
Price & Availability of BR86DL |